PART |
Description |
Maker |
HDSP-2112-IJ000 HDSP-2111-HI000 HDSP-2111-GH000 HD |
HDSP-2113 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2112 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2111 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2110 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2107 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2504 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2503 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2502 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2501 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2500 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2111-GH000 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2111-HI000 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2112-IJ000 · Eight Character 5mm and 7mm Smart Alphanumeric Displays
|
Agilent (Hewlett-Packard)
|
HDSP-5523-GG000 HDSP-5523-GH000 HDSP-K121-DE000 HD |
HDSP-5523-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5523-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-K121-DE000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5501-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5601-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5503-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5703-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5507-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5607-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5507-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5508-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-K123-DE000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5623-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5521-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5521-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5721-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5503-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5603-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5501-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5701-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5501-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5507-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5503-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5621-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-H153-KL000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-H151-KL000 · 14.2 mm (0.56 inch) Seven Segment Displays
|
Agilent (Hewlett-Packard)
|
HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 50 |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
|
ITT, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
HDSP-B47G HDSP-B42G |
HDSP-B47G · 18:88 0.56" Four Digit Seven Segment Display HDSP-B42G · 18:88 0.56" Four Digit Seven Segment Display 18:88 0.56 Four Digit Seven Segment Displays
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
HDSP-2490 HDSP-2491 |
(HDSP-2490 - HDSP-2493) ALPHANUMERIC DISPLAYS
|
Hewlett-Packard
|
MCP201T-E/SN MCP201-I/SN MCP201T-I/SN MCP201-E/P M |
·Conforming LIN bus transceiver (Rev 1.2 ·Supports baud rates up to 20kbaud ·Wide supply voltage range: 6V to 18V ...
|
Microchip
|
HEDL-550 HEDL-5500-A02 HEDL-5500-A06 HEDL-5500-E06 |
Encoder Line Drivers 编码器线驱动 Quad PCI Express, Hot-Plug Controllers Triple PCI Express, Hot-Plug Controllers 240 x 64 pixel format, CFL, LED, or EL Backlight available HEDL-5500#A02 · Encoder Line Drivers HEDL-5505#A06 · Encoder Line Drivers HEDL-5540#A01 · Encoder Line Drivers HEDL-9000#U00 · Encoder Line Drivers HEDL-9040#B00 · Encoder Line Drivers HEDL-9100#A00 · Encoder Line Drivers HEDL-9140#A00 · Encoder Line Drivers HEDL-5600#A06 · Encoder Line Drivers HEDL-5605#A06 · Encoder Line Drivers HEDL-5640#A06 · Encoder Line Drivers HEDL-5645#A06 · Encoder Line Drivers HEDL-5560#B02 · Encoder Line Drivers
|
DLP Design, Inc. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
HLMP-1550 HLMP-1550-1.00000 HLMP-1550-1.00001 HLMP |
Half pitch interface connectors (HRS unique); HRS No: 230-1022-7 50; Connector Type: Cable; Contact Mating Area Plating: Gold Low Profile T-1 (3 mm) LED Lamps HLMP-1350-C0001 · Low Profile T-1 (3 mm) LED Lamp HLMP-1350-C0002 · Low Profile T-1 (3 mm) LED Lamp HLMP-1550-BC000 · Low Profile T-1 (3 mm) LED Lamp HLMP-1450 · Low Profile T-1 (3 mm) LED Lamp HLMP-1450-B0000 · Low Profile T-1 (3 mm) LED Lamp HLMP-1450-B0001 · Low Profile T-1 (3 mm) LED Lamp HLMP-1450-B0002 · Low Profile T-1 (3 mm) LED Lamp HLMP-1550-A0001 · Low Profile T-1 (3 mm) LED Lamp HLMP-1550-A0002 · Low Profile T-1 (3 mm) LED Lamp HLMP-1350 · Low Profile T-1 (3 mm) LED Lamp
|
发光二极 Agilent(Hewlett-Packard) Agilent (Hewlett-Packard)
|
HEDS-5500 HEDS-5540 HEDS-5505-A14 HEDS5540 HEDM-55 |
HEDL-5561#J06 · Encoder Line Drivers HEDS-5540#A01 · Quick Assembly Two and Three Channel Optical Encoder HEDS-5140#A02 · Two and Three Channel Codewheels HEDS-5505#A04 · Quick Assembly Two and Three Channel Optical Encoder HEDM-5505#B04 · Quick Assembly Two and Three Channel Optical Encoder HEDS-5600#A06 · Quick Assembly Two and Three Channel Optical Encoder HEDS-5500#A01 · Quick Assembly Two and Three Channel Optical Encoder HEDM-5605#B06 · Quick Assembly Two and Three Channel Optical Encoder HEDM-5600#B06 · Quick Assembly Two and Three Channel Optical Encoder HEDS-5120#A01 · Two and Three Channel Codewheels HEDM-5120#B02 · Two and Three Channel Codewheels HEDM-5500#B01 · Quick Assembly Two and Three Channel Optical Encoder HEDS-8910#001 · Alignment Tool For The 3-channel Quick Assembly Encoders HEDS-554X/564X Series Quick Assembly Two and Three Channel Optical Encoders
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
AFKC-XXXXD AFKC-XXXXE AFKA-0006 AFKA-0001 AFKA-000 |
AFKC-XXXXD · 2.7 Gb/s Pluggable DWDM Transceiver, 100 km AFKC-XXXXE · 2.7 Gb/s Pluggable DWDM Transceiver, 160 km AFKA-0006 · Evaluation Kit for the 2.7 Gb/s Pluggable DWDM Transceiver AFKA-0001 · Rail mechanism for AFKC series AFKA-0002 · EMI kennel for AFKC series
|
Agilent (Hewlett-Packard)
|
HSMP-3890-TR1 HSMP-3890-TR2 HSMP-3892-TR1 HSMP-389 |
HSMP-389T · PIN switch diode HSMP-3890 · PIN switch diode HSMP-3892 · PIN switch diode HSMP-389E · PIN switch diode HSMP-3893 · PIN switch diode HSMP-489B · Low inductance PIN switch diode HSMP-4890 · Low inductance PIN switch diode Surface Mount RF PIN Switch Diodes
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] http://
|